Part Number Hot Search : 
CT7910 L1420G BU204 532AA F12C20 FAN5608 UPD72 4840N
Product Description
Full Text Search
 

To Download P800B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p800a - p800k silicon rectifier diodes prv : 50 - 800 volts io : 8.0 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * pb / rohs free mechanical data : * case : void-free molded plastic body * epoxy : ul94v-o rate flame retardant * lead : axial lead solderable per mil-std-202, method 208 guaranteed * polarity : color band denotes cathode end * mounting position : any * weight : 2.1 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified . symbol p800a P800B p800d p800g p800j p800k unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 v maximum rms voltage v rms 35 70 140 280 420 560 v maximum dc blocking voltage v dc 50 100 200 400 600 800 v maximum average forward current 0.375"(9.5mm) lead length ta = 50 c peak forward surge current 8.3ms single half sine wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at i f = 8 a v f 1.0 v maximum dc reverse current ta = 25 c i r 5.0 a at rated dc blocking voltage ta = 100 c i r(h) 1.0 ma typical junction capacitance at 4.0v, 1mhz c j 150 pf typical thermal resistance (1) r ja 20 c/w junction temperature range t j - 50 to + 150 c storage temperature range t stg - 50 to + 150 c note : (1) thermal resistance from junction to ambient and from junction to lead at 0.375" (9.5mm) lead length, p.c.b. mounted with 1.1? x 1.1? (30 x 30mm) copper pads page 1 of 2 rev. 02 :march 24, 2005 a 400 i fsm rating i f(av) 8.0 a 0.360 (9.1) 0.340 (8.6) d6 0.360 (9.1) 0.340 (8.6) 0.052 (1.32) 0.048 (1.22) dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min.
rating and characteristic curves ( p800a - p800k ) fig.1 - maximum forward current fig.2 - typical instantaneous derating current forward characteristics 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles at 60hz fig.3 - typical instantaneous fig. 4 - typical reverse characteristics forward characteristics page 2 of 2 rev. 02 :march 24, 2005 10 8 6 4 12 10 1.0 500 0 600 0 400 300 200 10 80 1.0 100 100 0.1 100 140 20 40 60 120 percent of rated peak reverse voltage, (%) peak forward surge current, amperes average forward rectified current, amperes instantaneous forward current, amperes instantaneous reverse current, microamperes ta = 25 c ta = 100 c t j = 25 c pulse width = 300 s 1% duty cycle 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 instantaneous forward voltage, volts 0.01 8.3ms single half sine-wave (jedec) method 2 60 hz resistive or inductive load 100 t j =150 c 0 0.01


▲Up To Search▲   

 
Price & Availability of P800B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X